PART |
Description |
Maker |
MPSA44 MPSA44_D ON2342 |
From old datasheet system CASE 294, STYLE 1 TO2 (TO?26AA) High Voltage Transistor
|
MOTOROLA[Motorola, Inc] ON Semi
|
MPSA27_D MPSA27 ON2339 |
Darlington Transistor(NPN Silicon) CASE 294, STYLE 1 TO2 (TO?26AA) From old datasheet system
|
ON Semi MOTOROLA[Motorola, Inc]
|
MPSA28 MPSA28_D ON2340 MPSA29 |
(MPSA28 / MPSA29) Darlington Transistor Darlington Transistors(NPN Silicon) CASE 294, STYLE 1 TO2 (TO?26AA) From old datasheet system
|
MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
2N5555 ON0063 |
CASE 29.04, STYLE 5 TO-92 (TO-226AA) CASE 29-4, STYLE 5TO-2 (TO-26AA) From old datasheet system JFET Switching
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MPSH10 MPSH11 ON2346 MPSH10-D |
VHF/UHF Transistors NPN Silicon CASE 294, STYLE 2 TO2 (TO26AA) From old datasheet system VHF/UHF Transistors(NPN Silicon) (MPSH10 / MPSH11) VHF/UHF Transistors
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
BAS70LT1 ON0123 |
CASE 318 08, STYLE 8 SOT 23 (TO 236AB) From old datasheet system 70VOLTS SCHOTTKY BARRIER DIODES CASE 318 08 STYLE 8 SOT 23 (TO 236AB)
|
Motorola, Inc MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
ST26C32A ST26C32ABD ST26C32ABDR ST26C32ABN ST26C32 |
FPGA, FLEX 10KE, 30K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K30E; Voltage, supply:2.5V; Case style MOSFET, N, SO-8; Transistor type:MOSFET; Current, Id cont:3.2A; Resistance, Rds on:5R; Voltage, Vgs Rds on measurement:10V; Case style:SO-8 PowerPak CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER
|
意法半导 STMicroelectronics
|
BC857BWT1 BC857AWT1 BC858BWT1 BC856BWT1 BC858AWT1 |
CASE 419-02, STYLE 3 SOT-323/SC-70 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR CASE 419-02, STYLE 3 SOT-323/SC-70 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR CASE 419-02/ STYLE 3 SOT-323/SC-70 CASE 419-02 STYLE 3 SOT-323/SC-70
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
MAX6001 MAX6001EUR-T MAX6002 MAX6002EUR-T MAX6003 |
Low-Cost Low-Power Low-Dropout SOT23-3 Voltage References " Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References" Low-Cost / Low-Power / Low-Dropout / SOT23-3 Voltage References Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Metal; Series:MS3106E; Number of Contacts:3; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
BC817-25LT1 BC817-40LT1 BC81716LT1 BC817-16LT1 |
CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
|
MOTOROLA INC Motorola, Inc. MOTOROLA[Motorola, Inc]
|
BAV70LT1 |
CASE 318-08/ STYLE 9 SOT-23 (TO-236AB)
|
Motorola Inc
|
BAV99LT1 ON0135 |
CASE 318?8, STYLE 11SOT-3 (TO?36AB) From old datasheet system
|
ON Semi
|